Part Number Hot Search : 
250B151 NTE5304 31AKBE1 0CEEVAE2 7211882 SQP200 MU3100 HDU331
Product Description
Full Text Search
 

To Download 1N4148WS05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
1N4148WS,1N4448WS,BAV16WS
SURFACE MOUNT SWITCHING DIODES
VOLTAGE FEATURES
* Fast switching speed.
.054(1.35) .045(1.15)
100 Volts
POWER
200mWatts
SOD-323
Unit: inch (mm)
.078(1.95) .068(1.75)
.014(.35) .009(.25)
* Surface mount package Ideally Suited for Automatic insertion * Electrically Identical to Standard JEDEC * High Conductance * Pb free product are available : 99% Sn above can meet Rohs
.038(.95) .027(.70)
.006(.15) .002(.05)
environment substance directive request
.107(2.7) .090(2.3)
MECHANICAL DATA
.012(.30)MIN.
Case: SOD-323, Plastic Terminals: Solderable per MIL-STD-202G, Method 208 Approx. Weight: 4.1mg
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
PA R A M E TE R M a rki g C o d e n R e ve rse V o l a g e t P e a k R e ve rse V o l a g e t R M S V olage t M a xi um D C B l cki g V o l a g e m o n t M a xi um A ve ra g e F o rw a rd C urre nt a t Ta = 2 5 C m P e a k F o rw a rd S urg e C urre nt 1 . us ,0 P o w e r D i si a t o n D e ra t A b o ve 2 5 O C spi e
O
S YM B O L
1N 4148W S A2
1N 4448W S A3 75 100 50 75 200
B A V 16W S A6
UNI S T
VR V RM V RM S VDC IV A I SM F P TO T 0. 15 @ 0. 01A 7 0 0. 55 @ 0. 1A 8 0 1. / 0. 5A 0 0 1. 5 @ 0. 5A 2 1 0. 25 @ 20V 0 2. @ 75V 5 1. 5 4 2
V V V V mA 2 A mW
4 200 0. 2 @ 0. 05A 7 0 1. @ 0. A 0 1
M a xi um F o rw a rd V o l a g e m t
VF
0. 55 @ 0. 1A 8 0
V
M a xi um D C R e ve rse C urre nt a t R a t d D C B l cki g m e o n V olage t Junct o n C a p a ci a nce ( N o t s1 ) i t e M a xi um R e ve rse R e co ve ry (N o t s2 ) m e M a xi um T he rm a l R e si t nce m sa O p e ra t ng Junct o n a nd S t ra g e Te m p e ra t re R a ng e i i o u
I R CJ TR R R JA TJ, TS TG
2. @ 75V 5 4. 0 4 640 -5 5 T O + 1 5 0
1. @ 75V 0 2. 0 6
O
uA pF ns C /W
O
C
NOTE: 1. CJ at VR=0, f=1MHZ 2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
STAD-JAN.12.2005
PAGE . 1
1000
10
TJ =125 OC
FORWARD CURRENT, mA
100
REVERSE CURRENT, u A
1.0
10
0.1
TJ =75 OC
1
0.01
TJ =25 OC
0.1 0.2
0.001
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
P D, POWER DISSIPATION (mW)
500
400
300
200
100
0
50
100
150
200
AMBIENT TEMPERATURE, ( C)
O
FIG. 3 POWER DERATING CURVE
STAD-JAN.12.2005
PAGE . 2
MOUNTING PAD LAYOUT
SOD-323
Unit: inch (mm)
0.063(1.6) 0.035(0.9)
0.031(0.8)
0.120 (3.04) MAX
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 5.0K per 7" plastic Reel
LEGAL STATEMENT
IMPORTANT NOTICE This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation of the device in the application. The information will help the customer's technical experts determine that the device is compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed to be reliable and accurate. The specifications and information herein are subject to change without notice. New products and improvements in products and product characterization are constantly in process. Therefore, the factory should be consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003 All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract. The information presented is believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
STAD-NOV.15.2004
PAGE . 3


▲Up To Search▲   

 
Price & Availability of 1N4148WS05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X